l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 40 to 200 v olts forward current: 1.0 amp rohs device page 1 rev :b cdba140lr-hf thru. cdba1200lr-hf qw -jl022 comchip t echnology co., l td. features -ultra high-speed switching. mechanical data -case: molded plastic, do-214ac / sma -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -w eight: 0.055 grams -low profile surface mount applications in order to optimize board space. -low power loss, high ef ficiency . -high current capability , low forward voltage drop. -high surge capability . -guard ring for overvoltage protection. -epoxy: ul94-v0 rate flame retardant. -silicon epitaxial planar chip,metal silicon junction. max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage units symbol parameter v rrm v dc v rms v v v cdba 1200 lr-hf 200 200 140 max. instantaneous forward voltage @ 1.0a, t a =25c v f cdba 140 lr-hf 40 40 28 0.45 cdba 160 lr-hf 60 60 42 0.55 cdba 1 100 lr-hf 100 100 70 0.75 cdba 1 150 lr-hf 150 150 105 0.82 v 0.85 operating t emperature t j -50 to +150 -50 to +175 c forward surge current reverse current storage temperature a a ma parameter conditions on rate load (jedec method) 8.3ms single half sine-wave superimposed forward rectified current see fig.1 thermal resistance diode junction capacitance v r =v rrm t a =25c v r =v rrm t a =100c f=1mh z and applied 4v dc reverse v oltage junction to ambient symbol i o i fsm i r r ja c j t stg i r min. typ . max. ma c/w pf c 1.0 50 0.5 20 88 120 -50 +175 units halogen free maximum ratings and electrical characteristics ratings at t a=25c unless otherwise noted. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derate current by 20% . d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a c ( s m a ) 0 . 0 6 7 ( 1 . 7 0 ) 0 . 0 4 7 ( 1 . 2 0 ) 0 . 1 1 4 ( 2 . 9 0 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 1 8 7 ( 4 . 7 5 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 0 0 8 ( 0 . 2 0 ) 0 . 0 0 3 ( 0 . 0 8 ) 0 . 0 1 2 ( 0 . 3 0 ) t y p . 0 . 2 2 4 ( 5 . 7 0 ) 0 . 1 8 5 ( 4 . 7 0 ) 0 . 0 6 1 ( 1 . 5 5 ) 0 . 0 3 0 ( 0 . 7 5 ) 0 . 0 9 8 ( 2 . 5 0 ) 0 . 0 6 7 ( 1 . 7 0 ) company reserves the right to improve product design , functions and reliability without notice.
ra ting and characteristic cur ves (cdba140lr-hf thru. cdba1200lr-hf) forward v oltage, (v) 0.1 0.01 0.1 1.0 10 100 0.9 reverse v oltage, (v) 0.01 0 100 350 1 10 100 ambient t emperature, (c) 0 0.6 0.8 1.1 1.5 0 100 175 0.2 1.2 0.5 1.3 0.4 number of cycles at 60hz 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 30 50 1 10 100 10 40 20 t j =25c 8.3ms single half sine wave, jedec method 25 50 75 150 125 1.0 0.1 50 200 150 300 250 a v e r a g e f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) p u l s e w i d t h 3 0 0 u s 1 % d u t y c y c l e 0.7 0.3 j u n c t i o n c a p a c i t a n c e , ( p f ) fig.4 t ypical junction capacitance - fig.3 maximum non-repetitive - forward surge current fig.2 t ypical forward characteristics - fig.1 - t ypical forward current 3 3.0 percent of rated peak reverse v oltage, (%) fig.5 t ypical reverse characteristics - r e v e r s e l e a k a g e c u r r e n t , ( m a ) 140 80 60 120 0 0.1 10 100 20 0.01 40 100 l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 2 rev :b qw -jl022 comchip t echnology co., l td. derating curve t j = 2 5 c 1.0 c d b a 1 1 5 0 l r - h f ~ c d b a 1 2 0 0 l r - h f c d b a 1 4 0 l r - h f ~ c d b a 1 1 0 0 l r - h f c d b a 1 1 0 0 l r - h f ~ c d b a 1 2 0 0 l r - h f c d b a 1 6 0 l r - h f t j =1 25 c t j =2 5 c company reserves the right to improve product design , functions and reliability without notice. c d b a 1 4 0 l r - h f
l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 3 rev :b qw -jl022 comchip t echnology co., l td. reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a d 1 d 2 d w 1 b c d d d 2 d 1 s y m b o l ( m m ) ( i n c h ) 2 . 4 4 1 m i n . 1 . 5 0 0 . 1 0 6 2 . 0 m i n . 1 3 . 5 0 0 . 5 0 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 2 0 2 . 7 0 0 . 1 0 0 . 1 0 6 0 . 0 0 4 5 . 3 0 0 . 1 0 0 . 2 0 9 0 . 0 0 4 2 . 6 6 0 . 1 0 0 . 1 0 5 0 . 0 0 4 ( s m a ) d o - 2 1 4 a c 4 . 0 0 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 . 3 0 1 8 . 4 0 1 . 0 0 s y m b o l ( m m ) ( i n c h ) 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 2 4 0 . 0 3 9 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 5 . 5 0 0 . 1 0 0 . 2 1 7 0 . 0 0 4 0 . 6 0 0 . 1 0 0 . 2 3 6 0 . 0 0 4 t 0 . 4 7 2 0 . 0 1 2 ( s m a ) d o - 2 1 4 a c a company reserves the right to improve product design , functions and reliability without notice.
part number marking code marking code cdba140 - lr hf cdba160 - lr hf cdba1 100 - lr hf cdba1 150 - lr hf cdba1200 - lr hf kl 14 kl 16 kl 1 10 kl 1 15 kl 120 l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 4 rev :b qw -jl022 comchip t echnology co., l td. suggested p ad layout size (inch) 0.157 (mm) 4.00 2.50 1.70 0.100 0.068 6.50 0.256 e 1.50 0.060 a b c d d o -2 1 4 a c ( s m a ) standard packaging c a s e t y p e 5 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k d o - 2 1 4 a c ( s m a ) a b c e d x x x x x cathod band xxxxx = product type marking code
|